Part Number Hot Search : 
NTE61 UPB409C VQB75 CQ208B AD9656 TA0218A 1SMB58A CP201
Product Description
Full Text Search
 

To Download FDPF17N60NT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDP17N60N / FDPF17N60NT N-Channel MOSFET
FDP17N60N / FDPF17N60NT
N-Channel MOSFET
600V, 17A, 0.34 Features
* RDS(on) = 0.29 ( Typ.)@ VGS = 10V, ID = 8.5A * Low Gate Charge ( Typ. 48nC) * Low Crss ( Typ. 23pF) * Fast Switching * 100% Avalanche Tested * Improved dv/dt Capability * RoHS Compliant
UniFETTM
July 2009
Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild's proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switched mode power supplies and active power factor correction.
D
G GDS
TO-220 FDP Series
GD S
TO-220F FDPF Series
S
MOSFET Maximum Ratings TC = 25oC unless otherwise noted*
Symbol VDSS VGSS ID IDM EAS IAR EAR dv/dt PD TJ, TSTG TL Parameter Drain to Source Voltage Gate to Source Voltage Drain Current Drain Current Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation - Derate above 25oC (TC = 25oC) -Continuous (TC = 25oC) - Pulsed 17 10.2 (Note 1) (Note 2) (Note 1) (Note 1) (Note 3) 245 2.0 300 68 838 17 24.5 10 62.5 0.5 -55 to +150 -Continuous (TC = 100oC) FDP17N60N FDPF17N60NT 600 30 17* 10.2* 68* Units V V A A mJ A mJ V/ns W W/oC
o o
Operating and Storage Temperature Range Maximum Lead Temperature for Soldering Purpose, 1/8" from Case for 5 Seconds
C C
*Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol RJC RCS RJA Parameter Thermal Resistance, Junction to Case Thermal Resistance, Case to Heat Sink Typ. Thermal Resistance, Junction to Ambient FDP17N60N FDPF17N60NT 0.51 62.5 2.0 62.5
o
Units C/W
(c)2009 Fairchild Semiconductor Corporation FDP17N60N/FDPF17N60NT Rev. A
1
www.fairchildsemi.com
FDP17N60N / FDPF17N60NT N-Channel MOSFET
Package Marking and Ordering Information
Device Marking FDP17N60N FDPF17N60NT Device FDP17N60N FDPF17N60NT Package TO-220 TO-220F Reel Size Tape Width Quantity 50 50
Electrical Characteristics TC = 25oC unless otherwise noted
Symbol Parameter Test Conditions Min. Typ. Max. Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Body Leakage Current ID = 250A, VGS = 0V, TC = 25oC ID = 250A, Referenced to VDS = 600V, VGS = 0V 25oC 600 0.8 1 10 100 V V/oC A nA
VDS = 480V, VGS = 0V,TC = 150oC VGS = 30V, VDS = 0V
On Characteristics
VGS(th) RDS(on) gFS Gate Threshold Voltage Static Drain to Source On Resistance Forward Transconductance VGS = VDS, ID = 250A VGS = 10V, ID = 8.5A VDS = 20V, ID = 8.5A
(Note 4)
3.0 -
0.29 21
5.0 0.34 -
V S
Dynamic Characteristics
Ciss Coss Crss Qg(tot) Qgs Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge at 10V Gate to Source Gate Charge Gate to Drain "Miller" Charge VDS = 480V ID = 17A VGS = 10V VDS = 25V, VGS = 0V f = 1MHz (Note 4, 5)
2285 310 23 48 13 20
3040 410 35 65 -
pF pF pF nC nC nC
-
Switching Characteristics
td(on) tr td(off) tf Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time VDD = 300V, ID = 17A VGS = 10V, RGEN = 25
(Note 4, 5)
-
48 79 128 62
106 168 266 134
ns ns ns ns
Drain-Source Diode Characteristics
IS ISM VSD trr Qrr Maximum Continuous Drain to Source Diode Forward Current Maximum Pulsed Drain to Source Diode Forward Current Drain to Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0V, ISD = 17A VGS = 0V, ISD = 17A dIF/dt = 100A/s
(Note 4)
-
575 7.2
74 68 1.4 -
A A V ns C
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature 2. L = 5.8mH, IAS = 17A, VDD = 50V, RG = 25, Starting TJ = 25C 3. ISD 17A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test: Pulse width 300s, Duty Cycle 2% 5. Essentially Independent of Operating Temperature Typical Characteristics
FDP17N60N/FDPF17N60NT Rev. A
2
www.fairchildsemi.com
FDP17N60N / FDPF17N60NT N-Channel MOSFET
Typical Performance Characteristics
Figure 1. On-Region Characteristics
200 100
VGS = 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V 5.5 V 5.0 V *Notes: 1. 250s Pulse Test 2. TC = 25 C
o
Figure 2. Transfer Characteristics
100
ID, Drain Current[A]
10
ID, Drain Current[A]
10
150 C
o
-55 C 25 C
o
o
1
0.1 0.1
1 VDS, Drain-Source Voltage[V]
10
20
1
*Notes: 1. VDS = 20V 2. 250s Pulse Test
4
5 6 7 8 VGS, Gate-Source Voltage[V]
9
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
0.6
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperature
200 100
RDS(ON) [], Drain-Source On-Resistance
0.5
0.4
VGS = 10V
IS, Reverse Drain Current [A]
150 C
o
10
25 C
o
0.3
VGS = 20V
0.2
*Note: TC = 25 C
o
*Notes: 1. VGS = 0V
0
10
20 30 ID, Drain Current [A]
40
50
1 0.2
2. 250s Pulse Test
0.4 0.8 1.2 VSD, Body Diode Forward Voltage [V]
1.4
Figure 5. Capacitance Characteristics
10000
Ciss
Figure 6. Gate Charge Characteristics
10
VGS, Gate-Source Voltage [V]
VDS = 120V VDS = 300V VDS = 480V
8
Capacitances [pF]
1000
Coss
6
100
*Note: 1. VGS = 0V 2. f = 1MHz
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
4
Crss
2
*Note: ID = 17A
10 0.1
1 10 VDS, Drain-Source Voltage [V]
30
0
0
10 20 30 40 Qg, Total Gate Charge [nC]
50
FDP17N60N/FDPF17N60NT Rev. A
3
www.fairchildsemi.com
FDP17N60N / FDPF17N60NT N-Channel MOSFET
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation vs. Temperature
BVDSS, [Normalized] Drain-Source Breakdown Voltage 1.18 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -75 -50
*Notes: 1. VGS = 0V 2. ID = 250A
Figure 8. On-Resistance Variation vs. Temperature
3.0 RDS(on), [Normalized] Drain-Source On-Resistance 2.5 2.0 1.5 1.0 0.5 0.0 -75 -50
*Notes: 1. VGS = 10V 2. ID = 8.5A
0 50 100 o TJ, Junction Temperature [ C]
150
0 50 100 o TJ, Junction Temperature [ C]
150
Figure 9. Maximum Safe Operating Area -FDPF17N60NT
200 100
ID, Drain Current [A]
100s 10s
Figure 10. Maximum Drain Current vs. Case Temperature
20
10
10ms DC
ID, Drain Current [A]
1ms
15
1
10
Operation in This Area is Limited by R DS(on) *Notes: 1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o o
0.1
5
0.01
1
10 100 VDS, Drain-Source Voltage [V]
1000
0 25
50 75 100 125 o TC, Case Temperature [ C]
150
Figure 11. Transient Thermal Response Curve -FDPF17N60NT
10
Thermal Response [ZJC]
1
0.5 0.2 0.1
0.1
0.05 0.02 0.01
PDM
*Notes:
0.01 0.003 -5 10
Single pulse
t2 o 1. ZJC(t) = 2.0 C/W Max. 2. Duty Factor, D= t1/t2 3. TJM - TC = PDM * ZJC(t)
t1
10
-4
10 10 10 1 Rectangular Pulse Duration [sec]
-3
-2
-1
10
10
2
FDP17N60N/FDPF17N60NT Rev. A
4
www.fairchildsemi.com
FDP17N60N / FDPF17N60NT N-Channel MOSFET
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
FDP17N60N/FDPF17N60NT Rev. A
5
www.fairchildsemi.com
FDP17N60N / FDPF17N60NT N-Channel MOSFET
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ V
DS
_ I
SD
L D r iv e r R
G
S am e T ype as DUT
V
DD
V
GS
* d v / d t c o n t r o lle d b y R G * I S D c o n t r o lle d b y p u ls e p e r io d
V GS ( D r iv e r )
G a t e P u ls e W id t h D = -------------------------G a t e P u ls e P e r io d
10V
I F M , B o d y D io d e F o r w a r d C u r r e n t
I SD (DUT ) IR M
d i/d t
B o d y D io d e R e v e r s e C u r r e n t
V DS (DUT )
B o d y D io d e R e c o v e r y d v / d t
V
SD
V
DD
B o d y D io d e F o r w a r d V o lta g e D r o p
FDP17N60N/FDPF17N60NT Rev. A
6
www.fairchildsemi.com
FDP17N60N / FDPF17N60NT N-Channel MOSFET
Mechanical Dimensions
TO-220
FDP17N60N/FDPF17N60NT Rev. A
7
www.fairchildsemi.com
FDP17N60N / FDPF17N60NT N-Channel MOSFET
Package Dimensions
TO-220F Potted
* Front/Back Side Isolation Voltage : 4000V
Dimensions in Millimeters
FDP17N60N/FDPF17N60NT Rev. A
8
www.fairchildsemi.com
FDP17N60N / FDPF17N60NT N-Channel MOSFET
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. Auto-SPMTM PowerTrench(R) F-PFSTM The Power Franchise(R) Build it NowTM PowerXSTM FRFET(R) (R) CorePLUSTM Global Power ResourceSM Programmable Active DroopTM (R) CorePOWERTM Green FPSTM QFET TinyBoostTM CROSSVOLTTM Green FPSTM e-SeriesTM QSTM TinyBuckTM GmaxTM CTLTM Quiet SeriesTM TinyLogic(R) GTOTM Current Transfer LogicTM RapidConfigureTM TINYOPTOTM IntelliMAXTM EcoSPARK(R) TinyPowerTM ISOPLANARTM EfficentMaxTM TM TinyPWMTM MegaBuckTM Saving our world, 1mW /W /kW at a timeTM EZSWITCHTM * TinyWireTM TM* MICROCOUPLERTM SmartMaxTM TriFault DetectTM MicroFETTM SMART STARTTM TRUECURRENTTM* MicroPakTM SPM(R) (R) SerDesTM MillerDriveTM STEALTHTM Fairchild(R) MotionMaxTM SuperFETTM Fairchild Semiconductor(R) Motion-SPMTM SuperSOTTM-3 FACT Quiet SeriesTM OPTOLOGIC(R) SuperSOTTM-6 UHC(R) (R) (R) FACT SuperSOTTM-8 OPTOPLANAR Ultra FRFETTM (R) FAST(R) SupreMOSTM UniFETTM FastvCoreTM SyncFETTM VCXTM FETBenchTM Sync-LockTM VisualMaxTM PDP SPMTM (R) FlashWriter * XSTM (R)* Power-SPMTM FPSTM *Trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Fairchild's Anti-Counterfeiting Policy is also stated on our external website, www.Fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufactures of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed application, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Fairchild strongly encourages customers to purchase Fairchild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from Fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handing and storage and provide access to Fairchild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address and warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Fairchild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary No Identification Needed Obsolete Product Status Formative / In Design First Production Full Production Not In Production Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I40
FDP17N60N/FDPF17N60NT Rev. A
9
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDPF17N60NT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X